Part Number Hot Search : 
180CA 1PQ208C 2SD1840 3100S C1G07 10050 155320A PKM13EPY
Product Description
Full Text Search
 

To Download VE13P00251KED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 tpc features ?? series?are especially dedicated to heavy duty applica- tions encountered in the ac power network. higher surge current and energy ratings provide an improved protection and a better reliability ?radial lead varistors ?operating voltage range from 130 v to 625 v (v rms for ve types) or 205 v to 1000 v (v 1ma for vf types) ?available in tape and reel for use with automatic insertion equipment (see pages 31 to 33 for details). particular characteristics e d t 30 (1.18) min h ul (usa and ve series vf series maximum nominal voltage canadian p/n codification using p/n codification using operating voltage at 1 ma dc standards) (d max , v rms )(d ceramic , v 1ma )v rms v dc v 1ma mini v 1ma nominal v 1ma maxi h ve07p00131k _ _ vf05p12050k _ _ 130 170 184 205 226 h ve09p00131k _ _ vf07p12050k _ _ h ve13p00131k _ _ vf10p12050k _ _ h ve17p00131k _ _ vf14p12050k _ _ h ve24p00131k _ _ vf20p12050k _ _ h ve07p00141k _ _ vf05p10221k _ _ 140 180 198 220 242 h ve09p00141k _ _ vf07p10221k _ _ h ve13p00141k _ _ vf10p10221k _ _ h ve17p00141k _ _ vf14p10221k _ _ h ve24p00141k _ _ vf20p10221k _ _ h ve07p00151k _ _ vf05p10241k _ _ h ve09p00151k _ _ vf07p10241k _ _ 150 200 216 240 264 h ve13p00151k _ _ vf10p10241k _ _ h ve17p00151k _ _ vf14p10241k _ _ h ve24p00151k _ _ vf20p10241k _ _ h ve07p01750k _ _ vf05p10271k _ _ 175 225 243 270 297 h ve09p01750k _ _ vf07p10271k _ _ h ve13p01750k _ _ vf10p10271k _ _ h ve17p01750k _ _ vf14p10271k _ _ h ve24p01750k _ _ vf20p10271k _ _ h ve07p00211k _ _ vf05p10331k _ _ 210 275 297 330 363 h ve09p00211k _ _ vf07p10331k _ _ h ve13p00211k _ _ vf10p10331k _ _ h ve17p00211k _ _ vf14p10331k _ _ h ve24p00211k _ _ vf20p10331k _ _ h ve07p00231k _ _ vf05p10361k _ _ 230 300 324 360 396 h ve09p00231k _ _ vf07p10361k _ _ h ve13p00231k _ _ vf10p10361k _ _ h ve17p00231k _ _ vf14p10361k _ _ h ve24p00231k _ _ vf20p10361k _ _ zinc oxide varistors ve/vf types for heavy duty applications (? series?
tpc 19 * ve13 / vf10: for models with v rms 320 v other version/suffixes available with: e = 5.08 (0.20) suffix: = 0.6 (.024) bulk: hb d = 12.5 (.492) max tape: da, db, dc, dd, dq, ... **ve24 / vf20: for lead diameter = 1.0 (.039), please consult us. general characteristics storage temperature: -40? to +125? max. operating temperature: +85? response time: < 25 ns voltage coefficient temp.: ? k ? < 0.09%/? voltage proof: 2500 v epoxy coating: flame retardant ul94-vo marking type ac nominal voltage (eia coding) for ve types v 1ma varistor voltage (eia coding) for vf types logo ul logo (when approved) lot number (ve13/17/24 and vf10/14/20 only) d maximum type type ceramic coated h t +10% e diameter diameter max. max. ?.05 (.002) 0.8 ve07 vf05 5 (.196) 7 (.275) 10 (.394) 0.6 (.024) 5.08 (0.20) ve09 vf07 7 (.275) 9 (.354) 12 (.472) 0.6 (.024) 5.08 (0.20) ve13* vf10* 10 (.393) 13* (.512) 16 (.630) see 0.8* (.031) 7.62*(0.30) ve17 vf14 14 (.551) 17 (.669) 20 (.787) table 0.8 (.031) 7.62 (0.30) ve24** vf20** 20 (.787) 24 (.945) 27 (1.06) 0.8** (.031) 7.62 (0.30) max. clamping max. energy absorption max. permissible typical mean maximum v/i derating voltage (8 x 20 ?) (10 x 1000 ?) peak current capacitance power thickness characteristic curves w (j) (8 x 20 ?) f = 1khz dissipation t vp (v) ip (a) number of surges ip (a) 1 surge 1 surge 2 surges pf w mm (inches) page page 340 5 8.5 800 600 90 0.1 4.1 (.161) 34 24 340 10 17.5 1750 1250 250 0.2 4.1 (.161) 34 25 340 25 35 3500 2500 450 0.4 4.7 (.185) 34 26 340 50 70 6000 4500 1000 0.6 4.7 (.185) 35 27 340 100 140 10000 7000 2500 0.8 5.1 (.201) 35 28 360 5 9 800 600 85 0.1 4.2 (.165) 34 24 360 10 19 1750 1250 235 0.2 4.2 (.165) 34 25 360 25 39 3500 2500 425 0.4 4.8 (.189) 34 26 360 50 78 6000 4500` 930 0.6 4.8 (.189) 35 27 360 100 155 10000 7000 2250 0.8 5.2 (.205) 35 28 400 5 10.5 800 600 80 0.1 4.3 (.169) 34 24 400 10 21 1750 1250 220 0.2 4.3 (.169) 34 25 400 25 42 3500 2500 400 0.4 4.9 (.193) 34 26 400 50 85 6000 4500 850 0.6 4.9 (.193) 35 27 400 100 170 10000 7000 2000 0.8 5.3 (.209) 35 28 445 5 11 800 600 70 0.1 4.5 (.177) 34 24 445 10 24 1750 1250 190 0.2 4.5 (.177) 34 25 445 25 50 3500 2500 340 0.4 5.1 (.201) 34 26 445 50 100 6000 4500 750 0.6 5.1 (.201) 35 27 445 100 190 10000 7000 2000 0.8 5.5 (.217) 35 28 545 5 13 800 600 60 0.1 4.9 (.193) 34 24 545 10 28 1750 1250 155 0.2 4.9 (.193) 34 25 545 25 60 3500 2500 275 0.4 5.5 (.217) 34 26 545 50 115 6000 4500 600 0.6 5.5 (.217) 35 27 545 100 230 10000 7000 1650 0.8 5.9 (.232) 35 28 595 5 16 800 600 55 0.1 5.1 (.201) 34 24 595 10 32 1750 1250 140 0.2 5.1 (.201) 34 25 595 25 65 3500 2500 250 0.4 5.7 (.224) 34 26 595 50 130 6000 4500 550 0.6 5.7 (.224) 35 27 595 100 250 10000 7000 1500 0.8 6.1 (.240) 35 28 dimensions millimeters (inches) zinc oxide varistors ve/vf types for heavy duty applications (? series?
20 tpc ul (usa and ve series vf series maximum nominal voltage canadian p/n codification using p/n codification using operating voltage at 1 ma dc standards) (d max , v rms )(d ceramic , v 1ma )v rms v dc v 1ma mini v 1ma nominal v 1ma maxi h ve07p00251k _ _ vf05p10391k _ _ 250 320 351 390 429 h ve09p00251k _ _ vf07p10391k _ _ h ve13p00251k _ _ vf10p10391k _ _ h ve17p00251k _ _ vf14p10391k _ _ h ve24p00251k _ _ vf20p10391k _ _ h ve07p02750k _ _ vf05p10431k _ _ 275 350 387 430 473 h ve09p02750k _ _ vf07p10431k _ _ h ve13p02750k _ _ vf10p10431k _ _ h ve17p02750k _ _ vf14p10431k _ _ h ve24p02750k _ _ vf20p10431k _ _ h ve07p00301k _ _ vf05p10471k _ _ 300 385 423 470 517 h ve09p00301k _ _ vf07p10471k _ _ h ve13p00301k _ _ vf10p10471k _ _ h ve17p00301k _ _ vf14p10471k _ _ h ve24p00301k _ _ vf20p10471k _ _ h ve09p00321k _ _ vf07p10511k _ _ 320 420 459 510 561 h ve13p00321k _ _ vf10p10511k _ _ h ve17p00321k _ _ vf14p10511k _ _ h ve24p00321k _ _ vf20p10511k _ _ h ve09p00351k _ _ vf07p10561k _ _ 350 460 504 560 616 h ve13p00351k _ _ vf10p10561k _ _ h ve17p00351k _ _ vf14p10561k _ _ h ve24p00351k _ _ vf20p10561k _ _ h ve09p03850k _ _ vf07p10621k _ _ 385 505 558 620 682 h ve13p03850k _ _ vf10p10621k _ _ h ve17p03850k _ _ vf14p10621k _ _ h ve24p03850k _ _ vf20p10621k _ _ h ve09p00421k _ _ vf07p10681k _ _ 420 560 612 680 748 h ve13p00421k _ _ vf10p10681k _ _ h ve17p00421k _ _ vf14p10681k _ _ h ve24p00421k _ _ vf20p10681k _ _ h ve13p00441k _ _ vf10p17150k _ _ 440 585 643 715 787 h ve17p00441k _ _ vf14p17150k _ _ h ve24p00441k _ _ vf20p17150k _ _ h ve13p00461k _ _ vf10p10751k _ _ 460 615 675 750 825 h ve17p00461k _ _ vf14p10751k _ _ h ve24p00461k _ _ vf20p10751k _ _ h ve13p00511k _ _ vf10p10821k _ _ 510 670 738 820 902 h ve17p00511k _ _ vf14p10821k _ _ h ve24p00511k _ _ vf20p10821k _ _ h ve13p00551k _ _ vf10p10861k _ _ 550 715 774 860 946 h ve17p00551k _ _ vf14p10861k _ _ h ve24p00551k _ _ vf20p10861k _ _ h ve13p05750k _ _ vf10p10911k _ _ 575 730 819 910 1001 h ve17p05750k _ _ vf14p10911k _ _ h ve24p05750k _ _ vf20p10911k _ _ h ve13p06250k _ _ vf10p10102k _ _ 625 825 900 1000 1100 h ve17p06250k _ _ vf14p10102k _ _ h ve24p06250k _ _ vf20p10102k _ _ zinc oxide varistors ve/vf types for heavy duty applications (? series?
tpc 21 max. clamping max. energy absorption max. permissible typical mean maximum v/i derating voltage (8 x 20 ?) (10 x 1000 ?) peak current capacitance power thickness characteristic curves w (j) (8 x 20 ?) f = 1khz dissipation t vp (v) ip (a) number of surges ip (a) 1 surge 1 surge 2 surges pf w mm (inches) page page 645 5 17 800 600 50 0.1 5.4 (.213) 34 24 645 10 35 1750 1250 130 0.2 5.4 (.213) 34 25 645 25 70 3500 2500 230 0.4 5.9 (.232) 34 26 645 50 140 6000 4500 500 0.6 5.9 (.232) 35 27 645 100 280 10000 7000 1300 0.8 6.3 (.248) 35 28 710 5 20 800 600 45 0.1 5.7 (.224) 34 24 710 10 40 1750 1250 120 0.2 5.7 (.224) 34 25 710 25 80 3500 2500 210 0.4 6.3 (.248) 34 26 710 50 160 6000 4500 450 0.6 6.3 (.248) 35 27 710 100 310 10000 7000 1200 0.8 6.7 (.264) 35 28 775 5 21 800 600 40 0.1 6.0 (.236) 34 24 775 10 42 1750 1250 100 0.2 6.0 (.236) 34 25 775 25 85 3500 2500 180 0.4 6.6 (.260) 34 26 775 50 170 6000 4500 400 0.6 6.6 (.260) 35 27 775 100 340 10000 7000 1000 0.8 7.0 (.276) 35 28 840 10 45 1750 1250 100 0.2 6.4 (.252) 34 25 840 25 90 3500 2500 170 0.4 7.0 (.276) 34 26 840 50 180 5000 4000 380 0.6 7.0 (.276) 35 27 840 100 360 8000 6000 950 0.8 7.5 (.295) 35 28 910 10 47 1750 1250 95 0.2 6.6 (.260) 34 25 910 25 95 3500 2500 160 0.4 7.3 (.287) 34 26 910 50 190 5000 4000 365 0.6 7.3 (.287) 35 27 910 100 380 8000 6000 900 0.8 7.8 (.307) 35 28 1025 10 50 1750 1250 95 0.2 7.0 (.276) 34 25 1025 25 100 3500 2500 150 0.4 7.7 (.303) 34 26 1025 50 200 5000 4000 350 0.6 7.7 (.303) 35 27 1025 100 400 8000 6000 850 0.8 8.1 (.319) 35 28 1120 10 52 1750 1250 80 0.2 7.4 (.291) 34 25 1120 25 105 3500 2500 120 0.4 8.2 (.323) 34 26 1120 50 210 5000 4000 300 0.6 8.2 (.323) 35 27 1120 100 420 8000 6000 700 0.8 8.6 (.339) 35 28 1180 25 105 3500 2500 115 0.4 8.4 (.331) 34 26 1180 50 210 5000 4000 275 0.6 8.4 (.331) 35 27 1180 100 420 8000 6000 650 0.8 8.8 (.346) 35 28 1240 25 105 3500 2500 110 0.4 8.5 (.335) 34 26 1240 50 210 5000 4000 250 0.6 8.5 (.335) 35 27 1240 100 420 8000 6000 600 0.8 9.0 (.354) 35 28 1350 25 110 3500 2500 100 0.4 9.0 (.354) 34 26 1350 50 225 5000 4000 220 0.6 9.0 (.354) 35 27 1350 100 450 7500 6000 550 0.8 9.4 (.370) 35 28 1420 25 120 3500 2500 90 0.4 9.3 (.366) 34 26 1420 50 240 5000 4000 200 0.6 9.3 (.366) 35 27 1420 100 480 7500 6000 500 0.8 9.7 (.382) 35 28 1500 25 125 3500 2500 80 0.4 9.7 (.382) 34 26 1500 50 250 5000 4000 180 0.6 9.7 (.382) 35 27 1500 100 500 7500 6000 450 0.8 10.1 (.398) 35 28 1650 25 140 3500 2500 74 0.4 10.5 (.413) 34 26 1650 50 230 5000 4000 165 0.6 10.5 (.413) 35 27 1650 100 560 7500 6000 410 0.8 11.0 (.433) 35 28 zinc oxide varistors ve/vf types for heavy duty applications (? series?
22 tpc zinc oxide varistors electrical characteristics ve / vf types 14 u(v) i(a) 10 3 8 6 4 2 8 6 4 2 10 2 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 10 2 10 3 1 ve 09/vf 07 385 275 230 150 130 60 40 30 20 17 25 35 50 75 115 160 175 210 250 300 420 385 275 230 150 130 95 60 50 40 30 20 17 25 35 75 115 130 175 210 250 300 420 95 14 u(v) i(a) 10 3 8 6 4 2 8 6 4 2 10 2 10 -5 10 -4 10 -3 10 -2 10 -1 10 10 2 10 3 1 10 ve 07/vf 05 275 300 275 300 250 210 250 175 240 115 75 50 35 15 17 14 14 230 150 210 230 160 130 95 20 30 60 175 140 115 75 50 40 35 25 17 130 95 95 60 40 30 20 10 u(v) i(a) 10 3 8 6 4 2 8 6 4 2 10 2 10 -5 10 -4 10 -3 10 -2 10 -1 10 10 2 10 3 1 ve 13/vf 10 510 420 300 250 210 175 140 115 175 50 35 25 17 20 30 40 60 95 130 150 230 275 385 550 510 420 300 250 210 175 140 115 130 150 230 275 385 460 550 625 575 75 50 35 25 17 20 30 60 95 14 14 575 625 voltage-current characteristics v/i characteristics give: - for i below 1 ma the maximum leakage current under v dc - for i above 1 ma the maximum clamping voltage
tpc 23 zinc oxide varistors electrical characteristics ve / vf types ve17/vf14 u(v) 10 3 10 2 10 8 6 4 2 8 6 4 2 575 625 550 510 460 420 385 320 300 275 280 230 175 150 140 130 115 95 75 80 50 40 36 30 25 20 14 17 575 625 550 510 460 420 385 320 300 275 250 230 175 150 140 130 115 95 75 60 50 40 35 30 25 20 17 14 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 10 2 10 3 i(a) ve24/vf20 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 10 2 10 3 i(a) u(v) 10 3 10 2 10 8 6 4 2 8 6 4 2 625 550 510 46 0 420 385 320 300 275 280 230 175 150 140 130 115 95 75 625 550 510 460 420 385 320 300 275 250 230 175 150 140 130 115 95 75 voltage-current characteristics
24 tpc zinc oxide varistors electrical characteristics ve / vf types ip (a) 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 0.2 0.1 20 200 2.000 t ( s) ve07m/vf05m # 40v rms 300 1 2 10 10 2 10 3 1 0 4 1 0 5 1 0 6 ip (a) 10 100 1000 t ( s) 130v 2 10 3 1 0 5 1000 10000 10000 100 10 1 1 0 6 10 1 10 2 ve07p/vf05p to 625v rms rms 1 0 4 ip (a) 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 0.2 0.1 20 200 2.000 t ( s) ve07m/vf05m > 40v rms 300 1 2 10 10 2 10 3 1 0 4 1 0 5 1 0 6 maximum surge current (ip) derating curves with pulse width ( t ) and frequency
tpc 25 zinc oxide varistors electrical characteristics ve / vf types ip (a) 20 200 2.000 t ( s) ve09m/vf07m # 40v rms 1 2 10 2 10 3 1 0 4 10 1 0 5 1 0 6 800 600 400 300 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 0.2 0.1 ip (a) 10 100 1000 10000 t ( s) 130v rms to 625v rms 1 0 4 1 0 5 1000 10000 100 10 1 1 0 6 10 1 10 2 10 3 ve09p/vf07p 2 20 200 2.000 t ( s) ve09m/vf07m > 40v rms 1 2 10 2 10 1 0 5 1 0 6 ip (a) 10 3 1 0 4 2.000 1.000 800 600 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 0.2 maximum surge current (ip) derating curves with pulse width ( t ) and frequency
26 tpc zinc oxide varistors electrical characteristics ve / vf types ip (a) 20 200 2.000 t ( s) ve13m/vf10m < 40v rms 1 10 2 10 3 1 0 4 10 1 0 5 1 0 6 2 500 400 300 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 0.2 0.1 0.08 0.06 ip (a) 10 100 1000 t ( s) to 625v rms 130v rms 4 1 0 5 1000 10000 10000 100 10 1 1 0 6 10 1 10 2 10 3 ve13p/vf10p 1 0 2 20 200 2.000 t ( s) ve13m/vf10m > 40v rms 2 10 2 10 10 5 1 0 6 ip (a) 10 3 1 0 4 1 3.000 2.000 1.000 800 600 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 maximum surge current (ip) derating curves with pulse width ( t ) and frequency
tpc 27 zinc oxide varistors electrical characteristics ve / vf types 1.000 ip (a) 800 600 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 0.4 0.2 0.1 20 200 2.000 t ( s) ve17m/vf14m < 40v rms 1 2 10 10 2 10 3 1 0 4 1 0 5 1 0 6 ip (a) 10 100 1000 t ( s) ve17p/vf14p 130v rms to 320v rms 1 0 4 1 0 5 1000 10000 10000 100 10 1 1 0 6 10 1 10 2 10 3 2 ip (a) 20 200 2.000 t ( s) ve17m/vf14m > 40 v rms 5.000 4.000 3.000 2.000 1.000 800 600 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 0.6 1 2 10 10 2 10 3 1 0 4 10 5 1 0 6 maximum surge current (ip) derating curves with pulse width ( t ) and frequency
28 tpc zinc oxide varistors electrical characteristics ve / vf types ve24m/vf20m > 75 v rms ip (a) 20 200 2.000 t ( s) 7.000 6.000 5.000 4.000 3.000 2.000 1.000 800 600 400 200 100 80 60 40 20 10 8 6 4 2 1 0.8 1 2 10 10 2 10 3 1 0 4 1 0 5 1 0 6 ip (a) 10 100 1000 t ( s) ve24p/vf20p 130v rms to 625v rms 1 0 5 1000 10000 10000 100 10 1 1 0 6 20 10 1 10 2 10 3 2 1 0 4 maximum surge current (ip) derating curves with pulse width ( t ) and frequency
tpc 11 zinc oxide varistors ordering code how to order ve09 m 0 0251 k type ve 07 ve 09 ve 13 ve 17 ve 24 vf 05 vf 07 vf 10 vf 14 vf 20 vn 32 vb 32 series m: varistors for general applications p: varistors for heavy duty applications marking ac nominal voltage ve:0 nominal voltage at 1 ma dc vf:1 tolerance at 1 ma k: ?0% (j: ?% upon request) suffixes see on page 32 ac operating voltage (eia coding) ve nominal voltage at 1 ma dc (eia coding) vf 1. operating voltage expressed by 2 significant figures: 1st digit: 0 (zero). 2nd and 3rd digit: the two significant figures of the operating voltage. 4th digit: the number of zeros to be added to the operating voltage value. examples: 75 v: 0750 250 v: 0251 300 v: 0301 2. operating voltage expressed by 3 significant figures: 1st, 2nd and 3rd digit: the 3 significant figures of the operating voltage. 4th digit: the number of zeros to be added to the operating voltage value. examples: 205 v: 2050 275 v: 2750
tpc 31 zinc oxide varistors taping characteristics taping of our varistors is made according to iec 286-2 hh h 1 h 1 h p 1 p 0 p d w e t ab w 2 w 1 h 0 e i 2 d 0 p p w 0 a - b cross section direction of unreeling marking on this side adhesive tape reference plane hh h 1 p 0 p 1 p d w ab w 2 w 1 h 0 e i 2 d 0 w 0 reference plane h 1 h e t a - b cross section direction of unreeling p p marking on this side adhesive tape types: ve07/09 - vf05/07 types: ve13/17 - vf10/14 dimension characteristics value tolerance sprocket holes pitch 12.7 (0.50) ?.3 p 0 distance between the sprocket 3.8 (.150) ?.7 p 1 hole axe and the lead axe total thickness of tape 0.9 (.035) max t verticality of components 0 2 d p alignment of components 0 ? d h dimension characteristics value tolerance leading tape width 18 (.709) +1/-0.5 w the hold down tape shall adhesive tape width not protrude beyond the w 0 carrier tape sprocket hole position 9 (.354) +0.75/-0.5 w 1 distance between the tops of 3 (.118) max w 2 the tape and the adhesive diameter of sprocket hole 4 (.157) ?.2 d 0 distance between the tape axis and the bottom plane of 16/ (.630)/ ?.5/ h component body or 18 (.709) -0/+2 distance between the tape axis 16/ (.630)/ ?.5/ h 0 and the kink or 18 (.709) -0/+2 distance between the tape axis and the top of component body ve 07/09 - vf 05/07 33.0 (1.30) max h 1 ve 13/17 - vf 10/14 45.0 (1.77) max lead diameter 0.6 0.8 +10% d (.024) (.031) -0.05 protrusions beyond the lower 5 (.197) max i 2 side of the hold down tape lead spacing 5.08 7.62 ?.8 e (0.20) (0.30) components pitch 12.7 25.4 ?.3 p (0.50) (0.10) dimensions: millimeters (inches) dimensions: millimeters (inches)
32 tpc zinc oxide varistors taping characteristics packaging for automatic insertion, the following types can be ordered on tape either in ammopack (fan folder) or on reel in accordance to iec 286-2. leads configuration and packaging suffixes the tables below indicate the suffixes to be specified when ordering kink and packaging types. for devices on tape, it is necessary to specify the height (h or ho) which is the distance between the tape axis (sprocket holes) and the sitting plane on the printed circuit board. missing components a maximum of 3 consecutive components may be missing from the bandolier, surrounded by at least 6 filled positions. the number of missing components may not exceed 0.5% of the total per packing module. ?straight leads h represents the distance between the sprocket holes axis and the bottom plane of component body (base of resin or base of stand off). ?kinked leads ho represents the distance between the sprocket holes axis and the base of the knee. 295 (11.6) 335 (13.2) 50 (1.97) 360 (14.2) 31 (1.22) 52 (2.05) types ve 07/09 - vf 05/07 (ve13 - vf10 320 v rms upon request) leads straight kinked (type 1) kinked (type 2) packaging ammopack reel ammopack reel ammopack reel h/ho = 16 0.5 da(*) db(*) dq(**) dr(**) d7(**) d5(**) h/ho = 18 -0/+2 dc(**) dd(**) ds dt d8 d6 0.6 (.024) 5.08 (0.2) 0.6 (.024) 5.08 (0.2) 0.6 (.024) 5.08 (0.2) types ve 13/17 - vf 10/14 leads straight kinked (type 1) kinked (type 2) packaging ammopack reel ammopack reel ammopack reel h/ho = 16 0.5 ea(*) en(*) ec(**) ef(**) eq(**) er(**) h/ho = 18 -0/+2 eb(**) ed(**) eg eh es et 0.8 (.031) 7.62 (0.3) 0.8 (.031) 7.62 (0.3) 0.8 (.031) 7.62 (0.3) (*) da, db, ea, en suffixes are not available for varistors with v rms 300v are available only upon request for other types. (**) preferred versions according to iec 286-2 dimensions dimensions ammopack millimeters (inches) reel millimeters (inches)
tpc 33 zinc oxide varistors packaging type bulk ammopack reel ve07 - vf05 all 1500 1500 1500 ve09 - vf07 < 230 v rms 1000 1500 1500 ve09 - vf07 3 230 v rms 300 v rms 1000 1000 1000 ve09 - vf07 > 300 v rms 750 1000 1000 ve13 - vf10 230 v rms 500 750 750 ve13 - vf10 > 230 v rms 300 v rms 500 500 500 ve13 - vf10 > 300 v rms 500 ve17 - vf14 230 v rms 500 750 750 ve17 - vf14 > 230 v rms 300 v rms 500 500 500 ve17 - vf14 > 300 v rms 500 ve24 - vf20 250 > 300 vrms identification - traceability on the packaging of all shipped varistors, you will find a bar code label. this label gives systematic information on the type of product, part number, lot number, manufacturing date and quantity. an example is given below: this information allows complete traceability of the entire manufacturing process, from raw materials to final inspection. this is extremely useful for any information request. lot number manufacturing date (yymmdd) quantity per packaging part number packaging quantities


▲Up To Search▲   

 
Price & Availability of VE13P00251KED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X